Part Number Hot Search : 
T54FC SB2100 SD103 MPS2222 78422 TS512MCF 2SK879 N5414
Product Description
Full Text Search
 

To Download DS5000FP1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 22 112299 note: some revisions of this device may incorporat e deviations from published specifications known as errata. multiple revisions of any device may be simultaneously available through various sales channels. for information about device errata, click here: http://dbserv.maxim-ic.com/errata.cfm . features  8051-compatible micropro cessor adapts to its task  accesses between 8kb and 64kb of nonvolatile sram  in-system programming via on-chip serial port  can modify its own program or data memory  accesses memory on a separate byte- wide bus  crashproof operation  maintains all nonvola tile resources for over 10 years  power-fail reset  early warning power-fail interrupt  watchdog timer  user-supplied lithium battery backs user sram for program/data storage  software security  executes encrypted programs to prevent observation  security lock prevents download  unlocking destroys contents  fully 8051-compatible  128 bytes scratchpad ram  two timer/counters  on-chip serial port  32 parallel i/o port pins pin assignment ds5000fp soft microprocessor chip www.maxim-ic.com 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 p0.4/ad4 nc nc ba9 p0.3/ad3 ba8 p0.2/ad2 ba13 p0.1/ad1 r/w p0.0/ad0 vcc0 vcc vcc p1.0 ba14 p1.1 ba12 p1.2 ba7 p1.3 nc nc ba6 p2.6/a14 nc nc bd3 p2.5/a13 bd2 p2.4/a12 bd1 p2.3/a11 bd0 vli gnd gnd p2.2/a10 p2.1/a9 p2.0/a8 xtal1 xtal2 p3.7/rd p3.6/wr p3.5/t1 nc nc p3.4/t0 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 ba11 p1.4 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 p0.5/ad5 ba5 ce2 p1.5 p0.6/ad6 ba4 ba10 p1.6 p0.7/ad7 ba3 ce1 p1.7 ea nc nc ba2 bd7 rst a le ba1 bd6 p3.0/rxd psen ba0 bd5 p3.1/txd p2.7/a15 p3.2/int0 bd4 p3.3/int1 ds5000fp
ds5000fp 2 of 22 description the ds5000fp soft microprocessor chip is an 8051-compatible processor based on nv ram technology. it is substantially more flexible than a standard 8051, yet provides full compatibility with the 8051 instruction set, timers, serial port, and parallel i/o ports. by us ing nv ram instead of rom, the user can program and then reprogram the microcontroller while in-system. the application software can even change its own operation, which allows frequent software upgrades, adaptive programs, customized systems, etc. in addition, by using nv sram, the ds5000fp is ideal for data-logging applications and it connects easily to a dallas real-time clock for time stamp and date. the ds5000fp provides the benefits of nv ram without using i/o resources. it uses a non-multiplexed byte-wide address and data bus for memory access. this bus can perform all memory access and provides decoded chip enables for sram. this leaves the 32 i/o port pins free for application use. the ds5000fp uses ordinary sram and battery backs the memory contents with a user?s external lithium cell. data is maintained for ove r 10 years with a very small lith ium cell. a ds5000fp also provides crashproof operation in portable systems or systems with unreliable power. these features include the ability to save the operating state, power-fa il reset, power-fail interr upt, and watchdog timer. a user loads programs into the ds5000fp via its on-chip serial bootstrap loader. this function supervises the loading of code into nv ram, validates it, then becomes transparent to the user. software can be stored in an 8-kbyte or 32-kbyte cmos sr am. using its internal partitioning, the ds5000fp will divide this common ram into user programmable code and data segments. this partition can be selected at program loading time, but can be modified anytime later. it will decode memory access to the sram, communicate via its byte-wide bus and write-protect the memory portion designated as rom. combining program and data storag e in one device saves board space and cost. the ds5000fp can also access a second 32 kbytes of nv ram but this area is re stricted to data memory. for a user that wants a pre-constructed module using the ds5000fp, ram, lithium cell, and optional real time clock; the ds2250(t) and ds5000(t) are available and described in separate data sheets. more details are also contained in the user?s guide section of the secure microcontroller data book. ordering information the following devices are available as standard products fro m dallas semiconductor: part # description ds5000fp-16 80-pin qfp, max. clock speed 16 mhz, 0  to 70  c operation operating information is contained in the user?s gu ide section of the secure microcontroller data book. this data sheet provides ordering informa tion, pin-out, and electrical specifications.
ds5000fp 3 of 22 ds5000fp block diagram figure 1
ds5000fp 4 of 22 pin description pin description 15, 17, 19, 21, 25, 27, 29, 31 p1.0 - p1.7. general purpose i/o port 1. 34 rst - active high reset input. a logic 1 applied to this pin will activate a reset state. this pin is pulled down internally so this pin can be left unconnected if not used. 36 p3.0 rxd. general purpose i/o port pin 3.0. also se rves as the receive signal for the on board uart. this pin should not be c onnected directly to a pc com port. 38 p3.1 txd. general purpose i/o port pin 3.1. also serves as the transmit signal for the on board uart. this pin should not be c onnected directly to a pc com port. 39 p3.2 int0 . general purpose i/o port pin 3.2. also serves as the active low external interrupt 0. 40 p3.3 int1 . general purpose i/o port pin 3.3. also serves as the active low external interrupt 1. 41 p3.4 t0. general purpose i/o port pin 3.4. also serves as the timer 0 input. 44 p3.5 t1. general purpose i/o port pin 3.5. also serves as the timer 1 input. 45 p3.6 wr . general purpose i/o port pin. also serves as the write strobe for expanded bus operation. 46 p3.7 rd . general purpose i/o port pin. also serves as the read strobe for expanded bus operation. 47, 48 xtal2, xtal1. used to connect an external crystal to the internal oscillator. xtal1 is the input to an inverting amplifier and xtal2 is the output. 52, 53 gnd. logic ground. 49, 50, 51, 56, 58, 60, 64, 66 p2.0-p2.7. general purpose i/o port 2. also serves as the msb of the expanded address bus. 68 psen - program store enable. this active low signal is used to enable an external program memory when using the expanded bus . it is normally an output and should be unconnected if not used. psen is also used to invoke the bootstrap loader. at this time, psen will be pulled down externally. this should only be done once the ds5000fp is already in a reset state. the device that pu lls down should be open drain since it must not interfere with psen under normal operation. 70 ale - address latch enable. used to de-multiplex the multiplexed expanded address/data bus on port 0. this pin is nor mally connected to the clock input on a ?373 type transparent latch. when using a parallel programmer, this pin also assumes the prog function for programming pulses. 73 ea - external access. this pin forces the ds5000fp to behave like an 8031. no internal memory (or clock) will be available when this pin is at a logic low. since this pin is pulled down internally, it should be connected to +5v to use nv ram. in a parallel programmer, this pin also serves as v pp for super voltage pulses.
ds5000fp 5 of 22 pin description 11, 9, 7, 5, 1, 79, 77, 75 p0.0-p0.7. general purpose i/o port 0. this port is open-drain and can not drive a logic 1. it requires external pullups. port 0 is also the multiplexed expanded address/data bus. when used in this mode, it does not require pullups. 13, 14 v cc - +5v 16, 8, 18, 80, 76, 4, 6, 20, 24, 26, 28, 30, 33, 35, 37 ba14-0. byte-wide address bus bits 14-0. this 15 bit bus is combined with the non- multiplexed data bus (bd7-0) to acce ss nv sram. decoding is performed on ce1 and ce2 . read/write access is controlled by r/ w . ba14-0 connect directly to an 8k or 32k sram. if an 8k ram is used, ba13 and ba14 will be unconnect ed. note ba13 and ba14 are inverted from the true logical address. also note that ba14 is lithium backed. 71, 69, 67, 65, 61, 59, 57, 55 bd7-0. byte-wide data bus bits 7-0. this 8-bit bi-directional bus is combined with the non-multiplexed address bus (ba14-0) to ac cess nv sram. decoding is performed on ce1 and ce2 . read/write access is controlled by r/ w. bd7-0 connect directly to an 8k or 32k sram, and optionall y to a real-time clock. 10 r/w - read/write. this signal provides the write enable to the srams on the byte-wide bus. it is controlled by the memory map a nd partition. the blocks selected as program (rom) will be write protected. 74 ce1 - chip enable 1. this is the primary decoded chip enable for memory access on the byte-wide bus. it connects to the chip enable input of one sram. ce1 is lithium backed. it will remain in a logic high inactive state when v cc falls below v li . 78 ce2 - chip enable 2. this chip enable is pr ovided to bank switch to a second block of 32k bytes of nonvolatile da ta memory. it connects to the chip enable input of one sram or one lithium-backed peripheral such a ds1283 clock. ce2 is lithium backed. it will remain in a logic high inactive state when v cc falls below v li . 12 v cco - v cc output. this is switched between v cc and v l i by internal circuits based on the level of v cc . when power is above the lithium input, power will be drawn from v cc . the lithium cell remains isolated from a load. when v cc is below v l i , the v cco switches to the v li source. v cco is connected to the v cc pin of an sram. 54 v li l - lithium voltage input. connect to a lithium cell greater than v limin and no greater than v limax as shown in the electrical specifications. nominal value is +3v. 2, 3, 22, 23, 32, 42, 43, 62, 63, 72 nc do not connect. instruction set the ds5000fp executes an instruction set that is object code compatible with the industry standard 8051 microcontroller. as a result, software development packages such as assemblers and compilers that have been written for the 8051 are compatible with the ds 5000fp. a complete description of the instruction set and operation are provided in the user?s guide section of the secure microcontroller data book. also note that the ds5000fp is embodied in the ds5000(t) and ds2250(t) modules. the ds5000(t) combines the ds5000fp with one sram of either 8 or 32 kbytes and a lithium cell. an optional real time clock is also available in the ds5000t. this is packaged in a 40-pin dip module. the ds2250(t)
ds5000fp 6 of 22 is an identical function in a simm form factor. it also offers the option of a second 32k sram mapped as data on chip enable 2. memory organization figure 2 illustrates the memory map accessed by the ds5000fp. the entire 64k of program and 64k of data is available. the ds5000fp maps 32k of this space into the sram connected to the byte-wide bus. this is the area from 0000h to 7fffh (32k) and is reached via ce1 . any area not mapped into the nv ram is reached via the expanded bus on ports 0 & 2. selecting ce2 provides another 32k of potential data storage. when ce2 is used, no data is available on the ports . the memory map is covered in detail in the user?s guide section of the secure microcontroller data book. figure 3 illustrates a typical memory connection for a system using 8k bytes of sram. figure 4 shows a similar system with 32 kbytes. the byte-wide addre ss bus connects to the sram address lines. the bi- directional byte-wide data bus connect s the data i/o lines of the sram. ce1 provides the chip enable and r/ w is the write enable. an additi onal ram could be connected to ce2 , with common connections for r/ w , ba14-0, and bd7-0.
ds5000fp 7 of 22 power management the ds5000fp monitors power to provide power-fail reset, early warning power-fail interrupt, and switch-over to lithium backup. it uses the lithium cell at v li as a reference in determining the switch points. these are called v pfw , v ccmin , and v li respectively. when v cc drops below v pfw , the ds5000fp will perform an interrupt vector to location 2bh if the power-fail warning was enabled. full processor operation continues regardless. when power falls further to v ccmin , the ds5000fp invokes a reset state. no further code execution will be perfo rmed unless power rises back above v ccmin . ce1 , ce2 , r/ w go to an inactive (logic 1) state. any address lines that are high (due to encryption) will follow v cc , except for ba14, which is lithium backed. v cc is still the power source at this time. when v cc drops further to below v li , internal circuitry will switch to the lithium cell fo r power. the majority of internal circuits will be disabled and the remaining nonvolatile states will be retaine d. any devices connected to v cco will be powered by the lithium cell at this time. v cco will be at the lithium battery voltage less a diode drop. this drop will vary depending on the load. low leak age srams should be used for this reason. when a module is used, the lithium cell is selected by dallas so absolute specifications are provided for the switch thresholds. when using the ds5000fp, the user mu st select the appropriate battery. the following formulas apply to the switch function. v pfw = 1.45 x v li v ccmin = 1.40 x v li v li switch = 1.0 x v li memory map of the ds5000fp figure 2
ds5000fp 8 of 22 ds5000fp connection to 8k x 8 sram figure 3 ds5000fp connection to 32k x 8 sram figure 4
ds5000fp 9 of 22 absolute maximum ratings* voltage range on any pin rela tive to ground -0.3v to +7.0v operating temperature range 0c to +70c storage temperature range -40c to +70c soldering temperature range 260c for 10 seconds * this is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time can affect reliability.
ds5000fp 10 of 22 dc characteristics (t a = 0  c to +70  c; v cc = 5v  5%) parameter symbol min typ max units notes input low voltage v il -0.3 0.8 v 1 input high voltage v ih1 2.0 v cc +0.3 v 1 input high voltage rst, xtal1 v ih2 3.5 v cc +0.3 v 1 output low voltage @ i ol =1.6ma (ports 1, 2, 3) v ol1 0.15 0.45 v output low voltage @ i ol =3.2ma (ports 0, ale, psen , ba14-0, bd7-0, r/ w , ce 1-2) v ol2 0.15 0.45 v 1 output high voltage @ i oh = -80  a (ports 1, 2, 3) v oh1 2.4 4.8 v 1 output high voltage @ i oh =-400  a (ports 0, ale, psen , ba14-0, bd7-0, r/ w , ce 1-2) v oh2 2.4 4.8 v 1 input low current v in = 0.45v (ports 1, 2, 3) i il -50  a transition current; 1 to 0 v in = 2.0v (ports 1, 2, 3) i tl -500  a input leakage current 0.45 < v in < v cc (port 0) i l  10  a rst, ea pulldown resistor r re 40 125 k  stop mode current i sm 80  a 4 power-fail warning voltage v pfw 4.15 4.6 4.75 v 1, 6 minimum operating voltage v ccmin 4.05 4.5 4.65 v 1, 6 lithium supply voltage v li 2.9 3.3 v 1 programming supply voltage (parallel program mode) v pp 12.5 13 v 1 program supply current i pp 15 20 ma operating current @ 16mhz i cc 36 ma 2 idle mode current @ 12mhz i idle 6.2 ma 3 output supply voltage v cco1 v cc -0.3 v 1 output supply voltage (battery-backed mode) v cco2 v li -0.65 v li -0.5 v 8 output supply current @ v cco = v cc -0.3v i cco1 80 ma 2 battery-backed quiescent current i li 575na7
ds5000fp 11 of 22 ac characteristics: expanded bus mode timing specifications (t a = 0  c to +70  c; v cc = 5v  5%) # parameter symbol min max units 1 oscillator frequency 1/t clk 1.0 16 mhz 2 ale pulse width t alpw 2t clk -40 ns 3 address valid to ale low t avall t clk -40 ns 4 address hold after ale low t avaav t clk -35 ns 5 ale low to valid instr. in @ 12mhz @ 16mhz t allvi 4t clk -150 4t clk -90 ns ns 6 ale low to psen low t allpsl t clk -25 ns 7 psen pulse width t pspw 3t clk -35 ns 8 psen low to valid instr. in @ 12 mhz @ 16 mhz t pslvi 3t clk -150 3t clk -90 ns ns 9 input instr. hold after psen going high t psiv 0ns 10 input instr. float after psen going high t psix t clk -20 ns 11 address hold after psen going high t psav t clk -8 ns 12 address valid to valid instr. in @ 12mhz @ 16mhz t avvi 5t clk -150 5t clk -90 ns ns 13 psen low to address float t pslaz 0ns 14 rd pulse width t rdpw 6t clk -100 ns 15 wr pulse width t wrpw 6t clk -100 ns 16 rd low to valid data in @ 12mhz @ 16mhz t rdldv 5t clk -165 5t clk -105 ns ns 17 data hold after rd high t rdhdv 0ns 18 data float after rd high t rdhdz 2t clk -70 ns 19 ale low to valid data in @ 12mhz @ 16mhz t allvd 8 clk -150 8t clk -90 ns ns 20 valid addr. to valid data in @ 12 mhz @ 16 mhz t avdv 9t clk -165 9t clk -105 ns ns 21 ale low to rd or wr low t allrdl 3t clk -50 3t clk +50 ns 22 address valid to rd or wr low t avrdl 4t clk -130 ns 23 data valid to wr going low t dvwrl t clk -60 ns 24 data valid to wr high @ 12mhz @ 16mhz t dvwrh 7t clk -150 7t clk -90 ns ns 25 data valid after wr high t wrhdv t clk -50 ns 26 rd low to address float t rdlaz 0ns 27 rd or wr high to ale high t rdhalh t clk -40 t clk +50 ns
ds5000fp 12 of 22 expanded program memory read cycle expanded data memory read cycle
ds5000fp 13 of 22 expanded data memory write cycle external clock timing
ds5000fp 14 of 22 ac characteristics (continued) external clock drive (t a = 0  c to +70  c; v cc = 5v  5%) # parameter symbol min max units 28 external clock high time @ 12mhz @ 16mhz t clkhpw 20 15 ns ns 29 external clock low time @ 12mhz @ 16mhz t clklpw 20 15 ns ns 30 external clock rise time @ 12mhz @ 16mhz t clkr 20 15 ns ns 31 external clock fall time @ 12mhz @ 16mhz t clkf 20 15 ns ns ac characteristics (continued) serial port timing?mode 0 (t a = 0  c to +70  c; v cc = 5v  5%) # parameter symbol min max units 35 serial port cycle time t spclk 12t clk  s 36 output data setup to rising clock edge t doch 10t clk -133 ns 37 output data hold after rising clock edge t chdo 2t clk -117 ns 38 clock rising edge to input data valid t chdv 10t clk -133 ns 39 input data hold after rising clock edge t chdiv 0ns serial port timing?mode 0
ds5000fp 15 of 22 ac characteristics (cont'd) power cycling timing (t a = 0  c to +70  c; v cc = 5v  5%) # parameter symbol min max units 32 slew rate from v ccmin to v limax t f 40  s 33 crystal startup time t csu (note 5) 34 power-on reset delay t por 21504 t clk power cycle timing
ds5000fp 16 of 22 ac characteristics (continued) parallel program load timing (t a = 0  c to +70  c; v cc = 5v  5%) # parameter symbol min max units 40 oscillator frequency 1/t clk 1.0 12.0 mhz 41 address setup to prog low t avprl 0 42 address hold after prog high t prhav 0 43 data setup to prog low t dvprl 0 44 data hold after prog high t prhdv 0 45 p2.7, 2.6, 2.5 setup to v pp t p27hvp 0 46 v pp setup to prog low t vphprl 0 47 v pp hold after prog low t prhvpl 0 48 prog width low t prw 2400 t clk 49 data output from address valid t avdv 48 1800* t clk 50 data output from p2.7 low t dvp27l 48 1800* t clk 51 data float after p2.7 high t p27hdz 048 1800* t clk 52 delay to reset/ psen active after power on t porpv 21504 t clk 53 reset/ psen active (or verify inactive) to v pp high t ravph 1200 t clk 54 v pp inactive (between program cycles) t vpppc 1200 t clk 55 verify active time t vft 48 2400* t clk *second set of numbers refers to expa nded memory programming up to 32k bytes.
ds5000fp 17 of 22 parallel program load timing capacitance (test frequency = 1mhz; t a = +25  c) parameter symbol min typ max units notes output capacitance c o 10 pf input capacitance c i 10 pf
ds5000fp 18 of 22 byte-wide address/data bus timing ac characteristics (t a = 0  c to +70  c; v cc = 5v  5%) # parameter symbol min max units 56 delay to embedded address valid from ce1 low during opcode fetch t ce1lpa 20 ns 57 ce1 or ce2 pulse width t cepw 4t clk -15 ns 58 embedded address hold after ce1 high during opcode fetch t ce1hpa 2t clk -20 ns 59 embedded data setup to ce1 high during opcode fetch t ovce1h 1t clk +40 ns 60 embedded data hold after ce1 high during opcode fetch t ce1hov 10 ns 61 embedded address hold after ce1 or ce2 high during movx t cehda 4t clk -30 ns 62 delay from embedded address valid to ce1 or ce2 low during movx t celda 4t clk -25 ns 63 embedded data hold setup to ce1 or ce2 high during movx (read) t daceh 1t clk +40 ns 64 embedded data hold after ce1 or ce2 high during movx (read) t cehdv 10 ns 65 embedded address valid to r/ w active during movx (write) t avrwl 3t clk -35 ns 66 delay from r/ w low to valid data out during movx (write) t rwldv 20 ns 67 valid data out hold time from ce1 or ce2 high t cehdv 1t clk -15 ns 68 valid data out hold time from r/ w high t rwhdv 0ns 69 write pulse width (r/ w low time) t rwlpw 6t clk -20 ns
ds5000fp 19 of 22 byte-wide address/data bus opcode fetch cycle byte-wide address/data bus opcode fetch with data memory read
ds5000fp 20 of 22 byte-wide address/data bus opcode fetch with data memory write notes: 1. all voltages are referenced to ground. 2. maximum operating i cc is measured with all output pins disconnected; xtal1 driven with t clkr , t clkf = 10ns, v il = 0.5v; xtal2 disconnected; ea = rst = port0 = v cc . 3. idle mode i cc is measured with all output pins disc onnected; xtal1 driven at 12mhz with t clkr , t clkf =10ns, v il = 0.5v; xtal2 disconnected; ea = port0 = v cc , rst = v ss . 4. stop mode i cc is measured with all output pins disconnected; ea = port0 = v cc ; xtal2 not connected; rst = v ss . 5. crystal startup time is the time required to get the mass of the crystal into vibrational motion from the time that power is first applied to the circuit un til the first clock pulse is produced by the on-chip oscillator. the user should check with the crys tal vendor for the worst-case spec on this time. 6. assumes v li = 3.3v maximum. 7. i li is the current drawn from v li when v cc = 0v and v cco is disconnected. 8. i cco =10  a.
ds5000fp 21 of 22 ds5000fp cmos microprocessor millimeters dim min max a -3.15 a1 0.25 - a2 2.55 2.87 b 0.30 0.50 c 0.13 0.23 d 23.70 24.10 d1 19.90 20.10 e 17.40 18.10 e1 13.90 14.10 e 0.80 bsc l 0.65 0.95 56-g4005-001
ds5000fp 22 of 22 data sheet revision summary the following represent the key differences be tween 07/27/95 and 07/24/96/96 version of the ds5000fp data sheet. please review this summary carefully. 1. add v cco2 minimum specification (pcn f62501). 2. add embedded bus dc specifications. 3. update mechanical specifications.


▲Up To Search▲   

 
Price & Availability of DS5000FP1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X